Part Number Hot Search : 
NSSW045T UZ7860 WFR630 27100 C5315 NE521D SB154 HC49U
Product Description
Full Text Search
 

To Download L-57SRSRD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
L-57 SERIES
Features
!LOW !HIGH
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
POWER CONSUMPTION. EFFICIENCY RED, GREEN , YELLOW AND
SUPER BRIGHT RED ARE AVAILABLE.
!I.C.
COMPATIBLE. LIFE - SOLID STATE RELIABILITY.
!LONG
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: KDA0319 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/18/2001 DRAWN: J.X.FU
PAGE: 1 OF 6
Selection Guide
P ar t N o . Dic e HIGH EFFICIENCY RED (GaAsP/GaP) HIGH EFFICIENCY RED (GaAsP/GaP) GREEN (GaP) GREEN (GaP) YELLOW (GaAsP/GaP) YELLOW (GaAsP/GaP) SUPER BRIGHT RED (GaAlAs) SUPER BRIGHT RED (GaAlAs) HIGH EFFICIENCY RED (GaAsP/GaP) GREEN (GaP) HIGH EFFICIENCY RED (GaAsP/GaP) YELLOW (GaAsP/GaP) GREEN (GaP) YELLOW (GaAsP/GaP) L en s Ty p e Iv (m c d ) @ 20 m A Min . L-57IID L-57GGD L-57YYD L-57SRSRD L-57EGW L-57EYW L-57GYW RED DIFFUSED GREEN DIFFUSED YELLOW DIFFUSED RED DIFFUSED WHITE DIFFUSED WHITE DIFFUSED WHITE DIFFUSED 8 8 5 5 5 5 80 80 10 12 10 5 12 5 Ty p . 20 20 10 10 10 10 150 150 30 20 30 10 20 10 V i ew i n g An g l e 21/2 60 60 60 60 60 60 60
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l Par am et er D ev i c e High Efficiency Red Green Yellow Super Bright Red High Efficiency Red Green Yellow Super Bright Red Ty p . 627 565 590 660 625 568 588 640 45 30 35 20 15 15 20 45 2.0 2.2 2.1 1.85 2.5 2.5 2.5 2.5 10 Max . Un it s Tes t Co n d it io n s
peak
Peak Wavelength
nm
IF=20mA
D
Dominate Wavelength
nm
IF=20mA
1/2
High Efficiency Red Spectral Line Halfwidth Green Yellow Super Bright Red Capacitance High Efficiency Red Green Yellow Super Bright Red High Efficiency Red Green Yellow Super Bright Red All
nm
IF=20mA
C
pF
VF=0V;f=1MHz
VF IR
Forward Voltage
V
IF=20mA
Reverse Current
uA
V R = 5V
SPEC NO: KDA0319 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/18/2001 DRAWN: J.X.FU
PAGE: 2 OF 6
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
H i g h E f f i c i en c y R ed 105 30 160 5
Gr een 105 25 140 5
Yello w 105 30 140 5 -40C To +85C 260C For 5 Seconds
S u p er B r i g h t R ed 100 30 155 5
Un it s mW mA mA V
High Efficiency Red L-57IID
SPEC NO: KDA0319 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/18/2001 DRAWN: J.X.FU
PAGE: 3 OF 6
Green L-57GGD
Yellow L-57YYD
SPEC NO: KDA0319 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/18/2001 DRAWN: J.X.FU
PAGE: 4 OF 6
Super Bright Red L-57SRSRD
High Efficiency Red / Green L-57EGW
SPEC NO: KDA0319 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/18/2001 DRAWN: J.X.FU
PAGE: 5 OF 6
High Efficiency Red / Yellow L-57EYW
Green / Yellow L-57GYW
SPEC NO: KDA0319 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/18/2001 DRAWN: J.X.FU
PAGE: 6 OF 6


▲Up To Search▲   

 
Price & Availability of L-57SRSRD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X